PART |
Description |
Maker |
0740266110 0740266110-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 7.50mm Blade 1, 7.50mm Blade 2
|
Molex Electronics Ltd.
|
0740266420-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows 2 Blade Power Module, 1 Circuit, Mating Blade Length: 12.00mm Blade 1, 9.00mm Blade 2
|
Molex Electronics Ltd.
|
74026-8343 0740268343 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle,8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 10.50mm (.413) Blade
|
Molex Electronics Ltd.
|
74026-8324 0740268324 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 10.50mm (.413) Blade
|
Molex Electronics Ltd.
|
74026-8212 0740268212 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle,8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 9.00mm (.354) Blade
|
Molex Electronics Ltd.
|
0740268114 74026-8114 |
2.00mm (.079") Pitch VHDM庐 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade 2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade
|
Molex Electronics Ltd.
|
01530008Z |
Blade Fuse Holders - PCB Mount Fuse Holder for MINI? Style Blade Fuse
|
Littelfuse
|
553-0600-01 550-0600-01 553-0400-01 550-0400-01 57 |
PLUG 4MM STACKABLE WHT PLUG 4MM WHITE PLUG 4MM STACKABLE GRN 插头4mm的可堆叠GRN PLUG 4MM GREEN 插头4mm的绿 BANANENSTECKER NI 4MM SCHWARZ BANANENSTECKER倪毫米施瓦茨
|
TE Connectivity, Ltd. Bel Fuse, Inc. DEM Manufacturing, Ltd.
|
2948-12-0 2484-0 2948-24-0 3014-24-0 3014-12-2 427 |
Connector Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:12"; Color:Black; Contact Material:Brass; Current Rating:15A RoHS Compliant: Yes INTERCONNECTION DEVICE Retractile Cable Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:4ft RoHS Compliant: Yes INTERCONNECTION DEVICE Connector assemblies, Test; Connector Type A:Banana Plug; Connector Type B:Banana; Cable Length:36"; Color:Black; Contact Material:Copper; Operating Temp. Max:55 C; Wire Size (AWG):12
|
Pomona Electronics
|
44262-6420 0442626420 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395)
|
Molex Electronics Ltd.
|
22-15-2066 0022152066 A-4455-AZ06A |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 6 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 6 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 6 Circuits
|
Molex Electronics Ltd.
|
MIC-3393 MIC-3393A-M2E MIC-3393B-M2E MIC-3393C-M2E |
6U CompactPCI Intel垄莽 Xeon垄莽 Quad/Dual Core Processor Blade 6U CompactPCI Intel? Xeon? Quad/Dual Core Processor Blade
|
Advantech Co., Ltd.
|
|